Part Number Hot Search : 
NCE0208I S0104 MODEL 2N6502 TC8600 CLL4701 SB1B0S CLL4701
Product Description
Full Text Search
 

To Download AN8021L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Regulators
AN8021L, AN8021SB
AC-DC switching power supply control IC
s Overview
The AN8021L and AN8021SB are ICs which are suitable for controlling the switching power supply using primary side control method. Those are most suited for a switching power supply of relatively small capacity. Less frequently used functions are removed and only the necessary minimum functions are incorporated, so that they are compact and very easy to use. Moreover, the internal settings are incorporated as much as possible, thus cost down can be realized by decreasing the peripheral parts. AN8021L
9
0.40.25
Unit: mm
8 7 6
21.70.3
5
0.50.1 2.54 1.20.25
4 3 2 1
1.00.25 4.30.3 0.3 +0.1 -0.05 2.70.25 1.40.25
1.350.25
s Features
* It operates at a control frequency up to 700 kHz, realizing the output rise time of 35 ns and the output fall time of 25 ns. * Pre-start operating current is as small as 70 A (typical) so that it is possible to use a miniaturized start resistor. * Output block employs totem pole method. The absolute maximum rating of 1.0 A (peak) allows the direct drive of power MOSFET. * Built-in pulse-by-pulse overcurrent protection circuit * Built-in protection circuit against malfunction at low voltage (on/off: 14.2 V/9.2 V) * Equipped with timer latch function and overvoltage protection circuit. * Two kinds of packages: 9-pin SIP, 16-pin SOP
6.500.30 16
SIP009-P-0000D
AN8021SB
9
Unit: mm
4.300.30
6.300.30
1.000.20
+0.10 0.15 -0.05
0.65
(0.45) 0.80
0.350.10 Seating plane
0.100.10
1.500.20
1
8
0.500.05
Seatng plane
SSOP016-P-0225B
s Applications
* Various power supply equipment
1
AN8021L, AN8021SB
(4)SVCC
Voltage Regulators
s Block Diagram
TIM/OVP (5)
8
OVP
Start/Stop 4.1 V
VREF
CT (13) 2 RT (12)
3
FB OSC OCL
PWM
VCC (3)PVCC 6 VOUT (2) Drive 5 GND (1)PGND (16)SGND 4 CLM(-) (15)
7
Reset
CLM
9 IFB (6)
Note) The number in ( ) shows the pin number for the AN8021SB.
s Pin Descriptions
* AN8021L Pin No. 1 2 3 4 5 6 7 8 9 * AN8021SB Pin No. Symbol 1 2 3 4 5 PGND VOUT PVCC SVCC TIM/OVP Description Grounding pin Power MOSFET direct drive pin Power supply voltage pin Power supply voltage pin Pin for overvoltage protection and timer latch combined use 6 IFB Power supply output photocoupler current feedback signal input pin 7 8 9 2 N.C. N.C. N.C. N.C. N.C. N.C. 16 SGND 14 15 N.C. CLM(-) 13 CT Pin No. Symbol 10 11 12 N.C. SS RT N.C. Soft start pin Charge and discharge current of triangular wave determining resistance connection pin Triangular wave generating capacitor connection pin N.C. Pulse-by-pulse overcurrent protection input pin Grounding pin Description Symbol SS RT CT CLM(-) GND VOUT VCC TIM/OVP IFB Soft start pin Resistor connection pin that determines charge and discharge current of triangular wave Triangular wave generating capacitor connection pin Pulse-by-pulse overcurrent protection input pin Grounding pin Power MOSFET direct drive pin Power supply voltage pin Pin for overvoltage protection and timer latch (joint use) Current feedback signal input pin from power-supply-output photocoupler Description
SS (11)
1
Voltage Regulators
s Absolute Maximum Ratings
Parameter Supply voltage OVP terminal allowable application voltage CLM terminal allowable application voltage SS terminal allowable application voltage Constant output current Peak output current IFB terminal allowable application voltage Power dissipation AN8021L AN8021SB Operating ambient temperature Storage temperature
* *
AN8021L, AN8021SB
Symbol VCC VOVP VCLM VSS IO IOP IFB PD
Rating 35 VCC - 0.3 to +7.0 - 0.3 to +7.0 150 1 000 -5 658 340 -30 to +85 -55 to +150
Unit V V V V mA mA mA mW C C
Topr Tstg
Note) *: Expect for the operating ambient temperature and storage temperature, all ratings are for Ta = 25C.
s Recommended Operating Range
Parameter Timing resistor RT Symbol R7 Range 15 to 20 Unit k
s Electrical Characteristics at Ta = 25C
Parameter Start voltage Stop voltage Standby bias current Operating bias current OVP operating bias current 1 OVP operating bias current 2 OVP operating threshold voltage OVP release supply voltage Timer latch charge current Timer latch start feedback current Soft-start charge current Overcurrent protection threshold voltage 1 Pre-start low-level output voltage Low-level output voltage High-level output voltage Oscillation frequency 1 Maximum duty 1 Feedback current at 0% duty Feedback current at maximum duty Symbol VCC-START VCC-STOP ICC-STB ICC-OPR ICC-OVP1 ICC-OVP2 VTH-OVP VCC-OVPC ICH-TIM IFB-TIM ICH-SS VTH-CLM1 VOL-STB VOL VOH fOSC1 Dumax1 IFB-Dumin IFB-Dumax VCC = 18 V, RT = 19 k VCC = 18 V VCC = 18 V, RT = 19 k VCC = 18 V VCC = 12 V, IO = 10 mA VCC = 18 V, IO = 100 mA VCC = 18 V, IO = -100 mA VCC = 18 V VCC = 18 V VCC = 18 V VCC = 18 V VCC = 12 V VCC = 34 V VCC = 20 V VCC = 10 V VCC = 18 V Conditions Min 13.0 8.5 50 6.4 2.4 0.44 5.4 7.6 -20 -20 -180 15.0 175 62 -1.1 Typ 14.2 9.2 70 8.0 3.0 0.55 6.0 8.4 -30 -30 -200 0.8 1.3 16.5 200 66 -1.5 Max 15.4 9.9 105 9.6 3.6 0.66 6.6 9.2 -40 -40 -220 1.8 1.8 225 70 -1.9 Unit V V A mA mA mA V V A mA A mV V V V kHz % mA mA 3
- 0.37 - 0.5 - 0.63
- 0.37 - 0.5 - 0.63
AN8021L, AN8021SB
s Electrical Characteristics at Ta = 25C (continued)
* Design reference data
Voltage Regulators
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter Oscillation frequency 2 Overcurrent protection delay time Output voltage rise time Output voltage fall time
Symbol fOSC2 tDry-CLM tr tf
Conditions Ta = -30C to +85C VCC = 18 V under no load VCC = 18 V under no load VCC = 18 V under no load
Min 160
Typ 200 35 25
Max 240
Unit kHz ns ns ns
s Terminal Equivalent Circuits
Pin No. 1 (11)
PWM comp.
Equivalent circuit
Description SS: Soft start terminal. When VCC is applied, the capacitor connected to this pin is charged, and the output duty is decreased by inputting the capacitor voltage to the PWM. RT: The terminal for connecting a resistor to determine the charge and discharge current of the triangular wave.
I/O
500 1 (11)
2 (12)
VREF
500 (12) 2 3 (13) VREF (13) 3 IO CT: The terminal for connecting a capacitor to generate the triangular wave.
2IO
PWM comp.
4 (15)
VREF
Reset
CLM(-): The input terminal for pulse-by-pulse overcurrent protection. It is usually required to attach an external filter.
I
4 (15)
5 (1)(16) GND, (PGND), (SGND): Grounding terminal.
Note) The number in ( ) shows the pin number for the AN8021SB.
4
Voltage Regulators
s Terminal Equivalent Circuits (continued)
Pin No. 6 (2) Equivalent circuit
AN8021L, AN8021SB
Description VOUT: The terminal for directly driving a power MOSFET.
I/O O
PVCC
6 (2)
7 (3)(4)
VCC , (PVCC), (SVCC): Supply voltage terminal. It monitors the supply voltage and has operating threshold value for start/stop/OVP reset. TIM/OVP: The terminal with double functions such as OVP (overcurrent protection) and timer latch terminal. [OVP] When it receives the overvoltage signal of the power supply output and high is input to the terminal, internal circuit is turned off. At the same time, this condition (latch) is hold. To reset the OVP latch, it is necessary to reduce VCC under the release voltage. [Timer latch] The output voltage drop due to the overcurrent condition of power supply output is detected through the current level for IFB-input. When IIFB becomes less than current of a certain value, charge current flows into the capacitor connected to this terminal. When the capacitor is charged to the threshold voltage of OVP, OVP starts to operate and the IC stays stop. IFB : The terminal into which the current feedback signal is input from the photocoupler of the power supply output.
500
8 (5)
I
SVCC
6V Comp. 5 A 500 8 (5)
9 (6)
I
VREF
PWM comp.
I/V conversion
9 (6)
Note) The number in ( ) shows the pin number for the AN8021SB.
5
AN8021L, AN8021SB
s Application Notes
[1] Main characteristics [Load: CL = 3 300 pF, RL = 20 ] Start/stop voltage characteristics
VCC = 18 V 16
7.0
Voltage Regulators
OVP operation threshold voltage characteristics
VCC = 18 V
14
Threshold voltage (V)
-25
Start/stop voltage (V)
6.5
12
6.0
10
5.5
8
5.0
-50
0
25
50
75
100
-50
-25
0
25
50
75
100
Ambient temperature (C)
Ambient temperature (C)
Standby bias current characteristics
VCC = 12 V 75
Operating bias current characteristics
VCC = 34 V 8.5
Bias current (mA)
Bias current (A)
70
8.0
65
7.5
60
7.0
55
6.5
-50
-25
0
25
50
75
100
-50
-25
0
25
50
75
100
Ambient temperature (C)
Ambient temperature (C)
Overcurrent protection threshold voltage characteristics
VCC = 18 V -220
9.5
OVP release voltage characteristics
VCC = 18 V
Threshold voltage (mV)
-210
OVP release voltage (V)
9.0
-200 -190
8.5
8.0
-180
7.5
-50
-25
0
25
50
75
100
-50
-25
0
25
50
75
100
Ambient temperature (C)
Ambient temperature (C)
6
Voltage Regulators
s Application Notes (continued)
[1] Main characteristics [Load: CL = 3 300 pF, RL = 20 ] (continued) OVP operating bias current characteristics 1
VCC = 20 V 4.5
2.5
AN8021L, AN8021SB
OVP operating bias current characteristics 2
VCC = 10 V
Bias current (mA)
Bias current (mA)
4.0
2.0
3.5
1.5
3.0
1.0
2.5
0.5
-50
-25
0
25
50
75
100
-50
-25
0
25
50
75
100
Ambient temperature (C)
Ambient temperature (C)
Feedback current at 0% duty characteristics
VCC = 18 V 2.5
Feedback current at maximum duty characteristics
VCC = 18 V 700
Feedback current (mA)
Feedback current (A)
2.0
600
1.5
500
1.0
400
0.5
300
-50
-25
0
25
50
75
100
-50
-25
0
25
50
75
100
Ambient temperature (C)
Ambient temperature (C)
Timer latch feedback current characteristics
VCC = 18 V 700
Pre-start low-level output voltage characteristics
VCC = 12 V 0.85
Feedback current (A)
Output voltage (V)
-25
600
0.80
500
0.75
400
0.70
300
0.65
-50
0
25
50
75
100
-50
-25
0
25
50
75
100
Ambient temperature (C)
Ambient temperature (C)
7
AN8021L, AN8021SB
s Application Notes (continued)
[2] Operation descriptions
Voltage Regulators
After AC rectification Start resistance R1
1. Start/stop circuit block * Start mechanism VCC When AC voltage is applied and the supC1 ply voltage reaches the start voltage through VOUT the current from the start resistor, the IC starts GND operation. Then the power MOSFET driving starts. Thereby, bias is generated in the transformer and the supply voltage is given from the Before start Start bias coil to the IC. (This is point a in figure 1.) Voltage supplied a from bias coil During the period from the time when the Start voltage start voltage is reached and the voltage is genStart condition Stop voltage erated in the bias coil to the time when the IC c Start failure b is provided with a sufficient supply voltage, the supply voltage of the IC is supplied by the Figure 1 capacitor (C1) connected to VCC . Since the supply voltage continuously decreases during the above period (area b in figure 1), the power supply is not able to start (state c in figure 1), if the stop voltage of the IC is reached before the sufficient supply voltage is supplied from the bias coil. * Function The start/stop circuit block is provided with the function to monitor the VCC voltage, and to start the operation of IC when VCC voltage reaches the start voltage (14.2 V typical), and to stop when it decreases under the stop voltage (9.2 V typical). A large voltage difference is set between start and stop (5.0 V typical), so that it is easier to select the start resistor and the capacitor to be connected to VCC .
Note) To start up the IC operation, the startup current which is a pre-start current plus a circuit drive current is necessary. Set the resistance value so as to supply a startup current of 450 A.
2. Oscillation circuit The PWM is an abbreviation of pulse width modulation. In this IC, the smaller voltage between the voltage level which is converted from the current input to IFB terminal and dead-time control level which is fixed internally is compared with the internal triangular oscillation level through PWM comparator, and optimal duty is determined, and then it is output via output driving stage. * Triangular wave oscillation The triangular waveform oscillation is performed through constant current charge/constant current discharge to/from the external capacitor connected to the CT. The ratio of the charge current to the discharge current is set inside, and the current value is determined by the external resistor connected to the RT terminal. The RT terminal voltage is determined by the level which is a resistor-divided voltage of the internal reference voltage (which is determined by Zener diode and VBE of NPN transistor, and temperaturecompensated). For this reason, the effect of fluctuation with temperature and dispersion is small. By the use of a temperature-compensated external resistor, the effect of the fluctuation with temperature and dispersion on the charge and discharge current value will be reduced further. Moreover, since the upper/lower voltage level of the triangular wave oscillation is given by the resistordivision of internal reference voltage, the effect of fluctuation with temperature and dispersion has been suppressed. As described above, the sufficient consideration has been given to the effect of fluctuation with temperature and dispersion in the design of the triangular wave oscillation frequency. (Reference calculation of oscillation frequency) 5 fOSC = [Hz] 6 x CT x RT
8
Voltage Regulators
s Application Notes (continued)
[2] Operation descriptions (continued)
AN8021L, AN8021SB
3. Overvoltage protection circuit (OVP) OVP is an abbreviation of Over Voltage Protection. It refers to a self-diagnosis function, which stops the power supply to protect the load when the power supply output generates abnormal voltage higher than the normal output voltage due to failure of the control system or an abnormal voltage applied from the outside (figure 2 and figure 3). Basically, it is set to monitor the voltage of supply voltage VCC terminal of the IC. Normally, the VCC voltage is supplied from the transformer drive coil. Since this voltage is proportional to the secondary side output voltage, it still operates even when the secondary side output has overvoltage. 1) When the voltage input to the OVP terminal exceeds the threshold voltage (6.0 V typical) as the result of power supply output abnormality, the protective circuit shuts down the internal reference voltage of the IC to stop all of the controls and keeps this stop condition. 2) The OVP is released (reset) under the following conditions: * Decreasing the supply voltage (VCC < 8.4 V typical: OVP release supply voltage) The discharge circuit is incorporated so that the electric charge which is charged in the capacitor connected to the OVP terminal can be discharged with the constant current of 5 A (typical) for the next re-start. Secondary side output voltage under normal operation VOUT x V7 VCC terminal voltage under normal operation V7 = Vth(OVP) + VZ Vth(OUT) : Secondary side output overvoltage threshold Vth(OVP) : OVP operation threshold VZ : Zener voltage (external parts of OVP terminal) Vth(OUT) =
TIM/OVP terminal voltage 0V (to 7.1 V)
VTH
OVP
(to 6 V) Time
Internal reference voltage 0V
(IC stop state) (to 5 V)
Time
Triangular wave oscillation (to 2 V) 0V (to VCC) (IC stop state) Time
IC output 0V (IC stop state) Figure 2. Explanation of OVP operation Time
9
AN8021L, AN8021SB
s Application Notes (continued)
[2] Operation descriptions (continued) 3. Overvoltage protection circuit (OVP) (continued) After AC rectification Start resistor R1 VCC FRD
Voltage Regulators
Power supply output Abnormal voltage applied from outside Load
OVP VOUT GND
It detects abnormal voltage applied from the outside to the power supply output (the voltage which is higher than voltage of the power supply output and may damage the load) by the primary side of the bias coil and operates the OVP. Figure 3
* Operating supply current characteristics While the OVP is operating, the decrease of the supply current causes the rise of the supply voltage VCC , and in the worst case, the guaranteed breakdown voltage of the IC (35 V) can be exceeded. In order to prevent the rise of supply voltage, the IC is provided with such characteristics as the supply current rises in the constant resistance mode. This characteristics ensure that the OVP can not be released unless the AC input is cut, if the supply voltage VCC under OVP operation is stabilized over the OVP release supply voltage (which depends on start resistor selection). (Refer to figure 4.)
The current supply from the start resistor continues as long as the voltage of the power supply input (AC) is given. After OVP starts operation, since the output is stopped, this bias coil does not supply current. * Select the resistance value so that the following relationship can be kept by current supply from the start resistor: VCC > VCC-OVP
After AC rectification Start resistor R1 VCC VOUT GND
ICC At VCC-OVP (voltage under which OVP is released), the operating current is temporarily increased. This prevents VCC from exceeding its breakdown voltage through the current from above mentioned. VCC- OVP VCC Figure 4
10
Voltage Regulators
s Application Notes (continued)
[2] Operation descriptions (continued)
AN8021L, AN8021SB
4. Overcurrent protection circuit (OVP) The overcurrent of the power supply output is proportional to the value of current flowing in the main switch in the primary side (power MOSFET). Taking advantage of the above fact, by regulating the upper limit of the pulse current flowing in the main switch, the circuit protects the parts which are easily damaged by the overcurrent. For the current flowing in the main switch, the current detection is achieved by monitoring the voltage in both ends of the low resistance, which is connected between the source of power MOSFET and the power supply GND. When the power MOSFET is turned on and the threshold voltage of CLM (current limit) is detected, the overcurrent protection circuit controls so that current can not flow further by turning off the output to turn off the power MOSFET. The threshold voltage of CLM is approximately -200 mV (typical) under Ta = 25C with respect to GND of the IC. This control is repeated for each cycle. Once the overcurrent is detected, the off condition is kept during that cycle, and it can not be turned on until the next cycle. The overcurrent detection method described above is called pulse-by-pulse overcurrent detection. (Refer to figure 6.) The R4, R5 and C3 in figure 5 construct the filter circuit, which functions to remove the noise generated by the parasitic capacitance R5 R4 which is equivalently formed at turning-on of the power MOSFET. GND
C3 CLM
R3
Figure 5 * Notes on the detection level precision This overcurrent detection level is reflected on the operating current level of the power supply overcurrent protection. Therefore, if this detection level fluctuates with temperature or dispersion, the operating current level of the power supply overcurrent protection also fluctuates. Since such level fluctuation increases the necessity of withstand capability for the parts to be used and in the worst case it means the cause of destruction, the accuracy of detection level is raised as much as possible for these ICs, the AN8021L and AN8021SB.
CLM (-) Terminal voltage VTH (-200 mV typ.) Overshoot due to delay
Time Pulse width can not be made shorter than this width due to delay
VOUT Terminal voltage 0 Time
Power MOSFET current 0 Figure 6. Pulse-by-pulse overcurrent detector operation waveform
Time
11
AN8021L, AN8021SB
s Application Notes (continued)
[2] Operation descriptions (continued)
Voltage Regulators
5. Soft start At start of the power supply, the capacitor connected to the power supply output causes the power supply to rise under overload condition. Under this condition, the power supply output is low. For the normal PWM control, attempt is made to limit the current by the pulse-by-pulse overcurrent protection so that the power supply output can rise at maximum duty. However, pulses can not be made down to zero due to circuit delay. As a result, large current flows in the mains switch (the power MOSFET) or in the diode in the secondary side, and in the worst case these parts are damaged. For this reason, soft start function in which the power supply output does not rise with maximum duty but rises with gradually widening duty from the minimum one (0%) at the power supply start is adopted. The use of this function requires more rise time of power supply output. However, it can extend the service life of parts and raise the reliability of the power supply. The soft start (SS) terminal is connected to the PWM input (hereinafter its voltage is referred to as VSS). In the PWM, three voltages are input; the voltage to which the current feedback level is converted (hereinafter referred to as VFB), the voltage determining the maximum duty (hereinafter referred to as VDTC). This voltage is determined inside the IC), and the triangular wave oscillation voltage (hereinafter referred to as VCT). VSS , VFB and VDTC are input in the non-reverse input (+) of the PWM comparator and VCT is input in the reverse input (-). Among the three signals of the non-reverse input, the lowest one is selected for input to the PWM comparator. The external capacitor (hereinafter referred to as CSS) is connected to the SS terminal. In the pre-start condition, this capacitor is set to be sufficiently discharged by the transistor inside the IC. When the supply voltage exceeds the start voltage to start the IC operation, charging is started in the CSS by the constant current source inside the IC. Therefore VSS gradually rises from 0 V. On the other hand, the VFB has high voltage because the power supply output is low. And, the VDTC is positioned at the medium voltage of the triangular wave oscillation waveform as constant voltage. Therefore, at operation starting, the VSS is input to the PWM comparator as the lowest voltage and is compared with the triangular wave oscillation waveform. As the result, the output of the IC generates the pulse of duty which gradually becomes large with the rise of VSS from the minimum duty. (Refer to figure 7.) However, when the VSS exceeds the VFB or VDTC , the duty of the output pulse depends on the VFB or VDTC . The soft start function works only up to that point and after that the normal control comes.
VFB VCT VCT VSS VFB VDTC 0V VSS VDTC VFB
VOUT 0V Figure 7. Soft start operation waveform
12
Voltage Regulators
s Application Notes (continued)
[2] Operation descriptions (continued)
AN8021L, AN8021SB
6. Timer latch When the short-circuit or overload of the power supply output continues for a certain period, the pulse-by-pulse overcurrent protection is not sufficient for protection of the transformer, fast recovery diode (FRD), schottky diode in the secondary side and the power MOSFET. For this reason, the timer latch function is employed, which stops the power supply by hitting the OVP, when the overcurrent condition continues for a certain period. The short-circuit or overload of the power supply output is monitored as the decrease of the power supply output (at this time the pulse-by-pulse overcurrent protector is in the operating condition). The decrease of the power supply output is detected as the decrease of current amount from the current feedback terminal of the normal PWM control. When the decrease amount of this current exceeds a certain value, the comparator inside the IC reverses and the constant current flows to the TIM/OVP terminal. The external capacitor is connected to the TIM/OVP terminal. Electric charges are accumulated in this capacitor to rise the OVP terminal voltage. When the OVP operating threshold voltage (6 V typical) is reached, the OVP starts operation to stop the IC and keeps this stop condition. (Refer to figure 8.) * Timer period The period from the time when an error of the power supply output is detected to the time when the OVP starts operation (hereinafter referred to as timer period) should be longer than the rise time of the power supply. Since at operation start the IC is in the same condition as the overload or output short-circuit condition, if the timer period is shorter, the power supply works latch and can not start. Therefore, the IC is designed so that the timer period can be set to any desired value with capacitance value of the external capacitor connected to the TIM/OVP terminal. However, particular care should be taken, because too large value of this capacitance may cause the breakdown of the power supply. VO Power supply output voltage 0 IDS Power MOSFET current 0 VOVP TIM/OVP terminal voltage Time Power supply stop OVP VTH = 6 V (typ.) 0 Figure 8. Timer latch basic operation Time Power supply stop
Time Power supply stop
13
AN8021L, AN8021SB
s Application Notes (continued)
[2] Operation descriptions (continued)
Voltage Regulators
7. Output Block The AN8021L and AN8021SB employ the output circuit using the totem pole (push-pull) method, by which sink/source of current is performed with the NPN transistor as shown in figure 9, in order to drive the power MOSFET at high speed. Schottky The maximum sink/source current is 0.1 A barrier diode (DC) and 1.0 A (peak). Even when the supply voltage VCC is under the stop voltage, the sink function works to ensure that the power MOSFET Figure 9 be turned off. For the current capability, the peak current is major concern, and the particularly large current is not required normally: the power MOSFET which works as load on the output is capacitive load. Therefore, in order to drive it at high speed, the large peak current is required. However, after charge/discharge, particularly large current is not required to keep that condition. For the AN8021L or AN8021SB, capacitance value of the power MOSFET used is taking into account, and the capability of peak value 1 A is ensured. The parasitic LC of the power MOSFET may produce ringing which makes the output pin go under the GND potential. When the decrease of the output pin becomes larger than the voltage drop of diode and its voltage becomes negative, the parasitic diode consisting of the substrate and collector of the output NPN turns on. This phenomenon may cause the malfunction of the device. In such a case, the Schottky barrier diode should be connected between the output and GND. [3] Design reference data 1. Setting the output frequency The output is controlling the triangular oscillation with PWM control: Triangular oscillation frequency = output frequency CT (C6) = capacitor terminal for triangular oscillation RT (C7) = resistor terminal for triangular oscillation [Reference calculation formula] VOSC - H- C6 * V T1 = T2 = 2IRT (charge/discharge current) V Since the IRT is given by rough calculation of 2.5 V/RT , and V becomes approximately 3 V, the output frequency is obtained VOSC - L- in the following equation: 1 IRT 5 fOUT = = = T1 + T 2 C6 * V 6 * C6 * R7 T1 T2 However, it may deviate a little from the design value due to delay of the internal circuit. (Reference value) fOUT = approximately 200 kHz at CT (C6) = 220 pF and RT (R7) = 19 k
14
Voltage Regulators
s Application Notes (continued)
[3] Design reference data (continued)
AN8021L, AN8021SB
2. Setting the timer latch period The timer latch period t, the period from the time when an abnormality of the power supply output is detected to the time when the overvoltage protector is activated, can be set to any desired value by using the external capacitance CTIM (C2) based on the following equation: TIM/OVP = capacitor terminal for timer latch period setting [Reference calculation formula] C2 * VTIM VTIM = 6 V (typ.): Overvoltage protection threshold value t= [s] ITIM ITIM = timer latch charge current (Varies depending on R7 value, at R7 = 19 k) ITIM = 30 A (typ.) 3. Setting the soft start time * Soft start charge current Most of the conventional ICs are charged by using the internal resistor from the internal reference voltage, or by using the constant current source which is determined by the internal resistance. However, the above charging method suffers from problems on dispersion or temperature change and can not ensure the soft start time. For this reason, the AN8021L and AN8021SB use the following method: The soft start charge current is given from the constant current source used in the internal triangular wave oscillation circuit. In addition, the above constant current source is stable with respect to dispersion or fluctuation with temperature because it has the current value which is determined by the external resistor and the terminal voltage given from the resistor-divider of internal reference voltage. However, for this method, particular care should be taken on the application: Since each time the setting of oscillation frequency is changed, the soft start constant should be also changed. SS (C5) = capacitor terminal for soft start [Reference calculation formula] C5 * VSS ISS = soft start charging current t= [s] ISS (Varies depending on R7 value, at RT (R7) = 19 k) ISS = 30 A (typ.) VSS = 2.0 V, at duty = 0% VSS = 4.1 V, at maximum duty 4. Start circuit The start time from the power-on to the actual start can be set by using the values of R1 and C1. Too long start time makes the power supply to rise slowly. [Setting the start resistor R1] 1) When the overload shutting-off condition is kept, the shut-off bias current (OVP operating bias current) of the AN8021L and AN8021SB is 550 A (typical) at VCC = 10 V. Therefore, set the R1 as shown in the following equation : VIN - 10 V R1 < 550 A 2) When automatic reset is desired after the overload shut-off, the standby current of the AN8021L and AN8021SB is 70 A (typical) at VCC = 12 V. Therefore, set the R1 as shown in the following equation : VIN - 10 V VIN - 12 V < R1 < 550 A 70 A [Setting the C1] When the AN8021L or AN8021SB is started, the operating supply current of 7.5 mA is required at VCC = 18 V. The current should be supplied with the discharge current of the C1 during the period from the soft start time up to the time when the supply current is supplied from the auxiliary bias coil. Therefore set the C1 as shown in the following equation: (VCC(START) - VCC(STOP)) * C1 > Soft start time 7.5 mA 15
16
VIN FRD Start-up resistor R1 Filter R2 DI
AN8021L, AN8021SB
s Application Circuit Example
VCC 7
AC input C1 DZ1 6 VOUT AN8021L TIM/ 8 OVP R8
1 SS
2 RT
C2 C3 R6
3 CT
R7 C4 C5 R4 R5
9 IFB
5 GND
4 CLM
C6
R3
Voltage Regulators
Photocoupler


▲Up To Search▲   

 
Price & Availability of AN8021L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X